Part Number Hot Search : 
MAJ17 75452N P2012DZ NC303SOT HS2155 15400 SI5504DC 1991475
Product Description
Full Text Search
 

To Download G121X1-L03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
TFT LCD Tentative Specification
MODEL NO.: G121X1-L03
Customer: Approved by: Note:
FOR MORE INFORMATION: AZ DISPLAYS, INC. 75 COLUMBIA, ALISO VIEJO, CA 92656 Http://www.AZDISPLAYS.com
Liquid Crystal Display Division QRA Division. OA Head Division. Approval Approval
1 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
- CONTENTS REVISION HISTORY 1. GENERAL DESCRIPTION
1.1 OVERVIEW 1.2 FEATURES 1.3 APPLICATION 1.4 GENERAL SPECIFICATIONS 1.5 MECHANICAL SPECIFICATIONS -------------------------------------------------------------------------------------------------------------
3 4
2. ABSOLUTE MAXIMUM RATINGS
2.1 ABSOLUTE RATINGS OF ENVIRONMENT 2.2 ELECTRICAL ABSOLUTE RATINGS 2.2.1 TFT LCD MODULE 2.2.2 BACKLIGHT UNIT
-------------------------------------------------------
6
3. ELECTRICAL CHARACTERISTICS
3.1 TFT LCD MODULE 3.2 BACKLIGHT UNIT
-------------------------------------------------------
7
4. BLOCK DIAGRAM
4.1 TFT LCD MODULE 4.2 BACKLIGHT UNIT
-------------------------------------------------------
10
5. INPUT TERMINAL PIN ASSIGNMENT
5.1 TFT LCD MODULE 5.2 BACKLIGHT UNIT 5.3 TIMING DIAGRAM OF LVDS INPUT SIGNAL 5.4 COLOR DATA INPUT ASSIGNMENT
-------------------------------------------------------
11
6. INTERFACE TIMING
6.1 INPUT SIGNAL TIMING SPECIFICATIONS 6.2 POWER ON/OFF SEQUENCE 6.3 THE INPUT DATA FORMAT 6.4 SCANNING DIRECTION
-------------------------------------------------------
13
7. OPTICAL CHARACTERISTICS
7.1 TEST CONDITIONS 7.2 OPTICAL SPECIFICATIONS
-------------------------------------------------------
17
8. PACKAGING
8.1 PACKING SPECIFICATIONS 8.2 PACKING METHOD
-------------------------------------------------------
21
9. DEFINITION OF LABELS 10. PRECAUTIONS
10.1 ASSEMBLY AND HANDLING PRECAUTIONS 10.2 SAFETY PRECAUTIONS
-------------------------------------------------------------------------------------------------------------
23 24
11. MECHANICAL CHARACTERISTICS
-------------------------------------------------------
25
2 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
REVISION HISTORY
Version 0.0 Date Feb. 9.2008 Section All Description G121X1-L03 Tentative Spec. was first issued
3 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
1. GENERAL DESCRIPTION
1.1 OVERVIEW
The G121X1-L03 model is a 12.1" TFT-LCD module with a white LED Backlight Unit and a 20-pin 1ch-LVDS interface. This module supports 1024 x 768 XGA mode and displays 262k/16.2M colors. The converter for the Backlight Unit is built in.
1.2 FEATURES
- Wide viewing angle - High contrast ratio - Fast response time - XGA (1024 x 768 pixels) resolution - Wide operating temperature - DE (Data Enable) mode - LVDS (Low Voltage Differential Signaling) interface - RoHS Compliance - Lamp Replaceable - Sunlight Readable
1.3 APPLICATION
- TFT LCD Monitor - Industrial Application - Amusement - Vehicle
1.4 GENERAL SPECIFICATI0NS
Item Diagonal Size Active Area Bezel Opening Area Driver Element Pixel Number Pixel Pitch Pixel Arrangement Display Colors Transmissive Mode Surface Treatment Specification 12.1 245.76(H) x 184.32(V) 249.0 x 187.5 a-si TFT active matrix 1024 x R.G.B. x 768 0.240(H) x 0.240(V) RGB vertical stripe 262k/16.2M Normally white Hard coating (3H), Glare Unit inch mm mm pixel mm color Note (1) -
4 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
1.5 MECHANICAL SPECIFICATIONS
Item Horizontal (H) Module Size Vertical (V) Depth (D) Weight I/F connector mounting position Typ. Max. 260.5 260.8 204 204.3 8.5 9.0 430 460 The mounting inclination of the connector makes the screen center within 0.5mm as the horizontal. Min. 260.2 239.7 8.0 Unit mm mm mm g Note (1) (2)
Note (1) Please refer to the attached drawings for more information of front and back outline dimensions. (2) Connector mounting position
+/- 0.5mm
5 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
2. ABSOLUTE MAXIMUM RATINGS
2.1 ABSOLUTE RATINGS OF ENVIRONMENT
Item Operating Ambient Temperature Storage Temperature Test Item High Temperature Storage Test Low Temperature Storage Test Thermal Shock Storage Test High Temperature Operation Test Low Temperature Operation Test High Temperature & High Humidity Operation Test Shock (Non-Operating) Vibration (Non-Operating) Symbol TOP TST Value Min. -30 -40 Max. +80 +85 Unit C C Note Note
Test Condition 85C, 240 hours -40C, 240 hours -30C, 0.5hour/o 80J , 0.5hour; 1hour/cycle,100cycles 80C, 240 hours -30C, 240 hours 60C, 90%RH, 240hours 200G, 2ms, half sine wave, 1 time for X, Y, Z. 1.5G, 10 ~ 300 Hz, 10min/cycle, 3 cycles each X, Y, Z
(1)(2)
(3) (3)
Note (1) There should be no condensation on the surface of panel during test. Note (2) Temperature of panel display surface area should be 90 C Max. Note (3) At testing Vibration and Shock, the fixture in holding the module has to be hard and rigid enough so that the module would not be twisted or bent by the fixture. Note (4) In the standard conditions, there is no function failure issue occurred. All the cosmetic specification is judged before reliability test.
2.2 ELECTRICAL ABSOLUTE RATINGS 2.2.1 TFT LCD MODULE
Item Power Supply Voltage Logic Input Voltage Symbol Vcc VIN Value Min. -0.3 -0.3 Max. 5.25 Vcc+0.25 Unit V V Note (1) (1)
2.2.2 BACKLIGHT UNIT
Item Converter Voltage Converter Current Symbol Vi Ii Value Min. 10.8 Max. 13.2 1.0 Unit V A Note (1) , (2) (1) , (2)
Note (1) Permanent damage to the device may occur if maximum values are exceeded. Function operation should be restricted to the conditions described under Normal Operating Conditions. Note (2) Specified values are for lamp (Refer to 3.2 for further information).
6 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
3. ELECTRICAL CHARACTERISTICS
3.1 TFT LCD MODULE
Parameter Power Supply Voltage Ripple Voltage Rush Current White Power Supply Current Black LVDS differential input voltage LVDS common input voltage function. Note (2) Measurement Conditions: Vid Vic Symbol Vcc VRP IRUSH Min. 3.0 4.75 -100 Value Typ. 3.3 5.0 800 500 1.1 710 1.2 Max. 3.6 5.25 100 1.5 910 590 1.2 782 +100 Unit V V mV A mA mA A mA mV V Ta = 25 2 C Note at Vcc=3.3V at Vcc=5.0V (2) (3)a, at Vcc=3.3V (3)a, at Vcc=5.0V (3)b, at Vcc=3.3V (3)b, at Vcc=5.0V -
Note (1) The module is recommended to operate within specification ranges listed above for normal
+3.3V Q1 2SK1475 Vcc C3 FUSE R1 47K 1uF (LCD Module Input)
(High to Low) (Control Signal) R2 SW 1K +12V
Q2 2SK1470
VR1 C1
47K
C2
0.01uF 1uF
Vcc rising time is 470s
+3.3V
0.9Vcc 0.1Vcc
GND 470s
7 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
Note (3) The specified power supply current is under the conditions at Vcc = 3.3 V, Ta = 25 2 C, fv = 60 Hz, whereas a power dissipation check pattern below is displayed. a. White Pattern b. Black Pattern
Active Area
Active Area
8 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
3.2 BACKLIGHT UNIT
Parameter LED Voltage LED Current Note (2) PO = IO x VO Symbol VO IO Min. ----Value Typ. 24.5 --Max. 28 320
Ta = 25 2 C
Unit VDC mADC Note (Duty 100%) (Duty 100%)
Note (1) LED current is measured by utilizing a high frequency current meter as shown below:
Input Power Pi Vi, Ii Power Supply GND
Output Power Po
Vo, Io Converter
LED Backlight Unit
9 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
4. BLOCK DIAGRAM
4.1 TFT LCD MODULE
RX3(+/-) SEL6/8 RXC(+/-) RX2(+/-)
INPUT CONNECTOR (STARCONN 076B20-0048RA-G4 or JAE-FI-SEB20P-HFE)
LVDS INPUT / TIMING CONTROLLER
SCAN DRIVER IC
TFT LCD PANEL
(1024x R.G.B.x768)
DATA DRIVER IC DC/DC CONVERTER & REFERENCE VOLTAGE
VCC VCC
Vi
CONVERTER CONNECTOR
(Connector, 91208-01001, 1.0mm, WTB, 10pin, Aces)
Converter
LED BACKLIGHT UNIT
4.2 BACKLIGHT UNIT
LED drive out LEDx Return
10 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
5. INPUT TERMINAL PIN ASSIGNMENT
5.1 TFT LCD MODULE
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 Name RX3+ RX3NC SEL68 GND RXC+ RXCGND RX2+ RX2GND RX1+ RX1GND RX0+ RX0reLR Description Differential Data Input, CH3 ( Positive ) Differential Data Input, CH3 (Negative ) NC LVDS 6/8 bit select function control, Low or NC 6 bit Input Mode High 8bit Input Mode Ground Differential Clock Input ( Positive ) Differential Clock Input ( Negative ) Ground Differential Data Input , CH2 ( Positive ) Differential Data Input , CH2 ( Negative ) Ground Differential Data Input , CH1 ( Positive ) Differential Data Input, CH1 ( Negative ) Ground Differential Data Input, CH0 ( Positive ) Differential Data Input, CH0 (Negative ) Horizontal Reverse Scan Control, Low or NC Normal Mode. High Horizontal Reverse Scan Vertical Reverse Scan Control, Low or NC Normal Mode, High Vertical Reverse Scan Power supply Power supply Remark
Note ( 4 )
LVDS Level Clock
Note ( 4 )
Note ( 4 )
18 19 20
reUD VCC VCC
Note (1) Connector Part No.: STARCONN 076B20-0048RA-G4 or JAE FI-SEB20P-HFE or equivalent. Note (2) "Low" stands for 0V. "High" stands for 3.3V. "NC" stands for "No Connected".
5.2 BACKLIGHT UNIT(Converter connector pin)
Pin 1 2 3 4 5 6 7 8 9 10 Symbol Vi Vi Vi Vi VGND VGND VGND VGND EN ADJ Description Converter input voltage Converter input voltage Converter input voltage Converter input voltage Converter ground Converter ground Converter ground Converter ground Enable pin Backlight Adjust Remark 12V 12V 12V 12V Ground Ground Ground Ground 3.3V PWM Dimming
Note (1) Connector Part No.: 91208-01001(ACES) or equivalent
11 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
5.3 COLOR DATA INPUT ASSIGNMENT
The brightness of each primary color (red, green and blue) is based on the 6-bit gray scale data input for the color. The higher the binary input, the brighter the color. The table below provides the assignment of color versus data input. Data Signal Red Green Blue R5 R4 R3 R2 R1 R0 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 B0 Black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Red 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 Green 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 Basic Blue 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 Colors Cyan 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 Magenta 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 Yellow 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 White 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Red(0)/Dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Red(1) 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 Gray Red(2) 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 Scale : : : : : : : : : : : : : : : : : : : Of : : : : : : : : : : : : : : : : : : : Red Red(61) 1 1 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 Red(62) 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 Red(63) 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 Green(0)/Dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Green(1) 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 Gray Green(2) 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 Scale : : : : : : : : : : : : : : : : : : : Of : : : : : : : : : : : : : : : : : : : Green Green(61) 0 0 0 0 0 0 1 1 1 1 0 1 0 0 0 0 0 0 Green(62) 0 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 0 Green(63) 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 Blue(0)/Dark 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Blue(1) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 Gray Blue(2) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 Scale : : : : : : : : : : : : : : : : : : : Of : : : : : : : : : : : : : : : : : : : Blue Blue(61) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 1 Blue(62) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 Blue(63) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 Color Note (1) 0: Low Level Voltage, 1: High Level Voltage
12 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
6. INTERFACE TIMING
6.1 INPUT SIGNAL TIMING SPECIFICATIONS
The input signal timing specifications are shown as the following table and timing diagram. Item Symbol Min. Typ. Max. Unit Note Frequency Fc 57.5 64.9 74.4 MHz DCLK Period Tc 13.4 15.4 17.3 ns Frame Rate Fr 56 60 75 Hz Total Tv 774 806 848 Th Tv=Tvd+Tvb Vertical Active Display Term Display Tvd 768 768 768 Th Blank Tvb Tv-Tvd 38 Tv-Tvd Th Total Th 1240 1344 1464 Tc Th=Thd+Thb Horizontal Active Display Term Display Thd 1024 1024 1024 Tc Blank Thb Th-Thd 320 Th-Thd Tc NoteG (1) Because this module is operated by DE only mode, Hsync and Vsync input signals should be set to low logic level or ground. Otherwise, this module would operate abnormally. Signal
INPUT SIGNAL TIMING DIAGRAM
13 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
6.2 POWER ON/OFF SEQUENCE
To prevent a latch-up or DC operation of LCD module, the power on/off sequence should follow the conditions shown in the following diagram.
Power Supply VCC
0V 0.5msT110ms 0T250ms 0T350ms 500msT4
0.9 VCC 0.1VCC
0.9 VCC 0.1VDD
T1
T3
T2
T4
Signals
0V
VALID
Power On
Power Off
Backlight (Recommended)
200msT5 200msT6 T5
50%
50%
T6
Power ON/OFF Sequence Note (1) Please avoid floating state of interface signal at invalid period. Note (2) When the interface signal is invalid, be sure to pull down the power supply of LCD Vcc to 0 V. Note (3) The Backlight inverter power must be turned on after the power supply for the logic and the interface signal is valid. The Backlight inverter power must be turned off before the power supply for the logic and the interface signal is invalid.
14 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
6.3 The Input Data Format
Note (1) R/G/B data 7: MSB, R/G/B data 0: LSB Note (2) Please follow PSWG
Note (3) Output signals from any system shall be low or Hi-Z state when VCC is off
15 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
6.4 Scanning Direction
The following figures show the image see from the front view. The arrow indicates the direction of scan.
Fig. 1 Normal scan ( pin 17, reLR = Low or NC, pin 18, reUD = Low or NC ) Fig. 2 Reverse scan ( pin 17, reLR = High, pin 18, reUD = Low or NC ) Fig. 3 Reverse scan ( pin 17, reLR = Low or NC, pin 18, reUD = High ) Fig. 4 Reverse scan ( pin 17, reLR = High, pin 18, reUD = High )
16 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
7. OPTICAL CHARACTERISTICS
7.1 TEST CONDITIONS
Item Ambient Temperature Ambient Humidity Supply Voltage Input Signal Inverter Current Inverter Driving Frequency Inverter Symbol Value Unit o Ta C 252 Ha %RH 5010 VCC 3.3 V According to typical value in "3. ELECTRICAL CHARACTERISTICS" IL 8.00.5 mA FL 615 KHz Sumida H05-5052
7.2 OPTICAL SPECIFICATIONS
The relative measurement methods of optical characteristics are shown in 7.2. The following items should be measured under the test conditions described in 7.1 and stable environment shown in Note (5).
Item Symbol Condition Min. Typ. Max. Unit Note
Red Color Chromaticity Green Blue White Center Luminance of White Contrast Ratio Response Time White Variation Horizontal Viewing Angle Vertical Contrast Ratio in daylight
Rx Ry Gx Gy Bx By Wx Wy LC CR TR TF W x+ xY+ Y-
x=0, Y =0 CS-1000
Typ 0.03
x=0, Y =0 x=0, Y =0 CR10 Sun lamp
380 500 70 70 70 70 40
0.595 0.339 0.317 0.531 0.152 0.123 0.308 0.318 500 700 6 17 1.25 80 80 80 80 60
Typ + 0.03
11 22 1.4 -
ms ms Deg.
(1), (5)
(4), (5) (2), (5) (3) (5), (6) (1), (5) (7)
-
17 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
Note (1) Definition of Viewing Angle (x, y): Normal x = y = 0 yX- = 90 xx- x+ y+ 12 o'clock direction y+ y+ = 90
6 o'clock y- = 90
y-
x+
X+ = 90
Note (2) Definition of Contrast Ratio (CR): The contrast ratio can be calculated by the following expression. Contrast Ratio (CR) = L63 / L0 L63: Luminance of gray level 63 L 0: Luminance of gray level 0 CR = CR (5) CR (X) is corresponding to the Contrast Ratio of the point X at Figure in Note (6).
Note (3) Definition of Response Time (TR, TF) and measurement method:
Gray Level 63
100% 90%
Gray Level 63
Optical Response Gray Level 0
10% 0%
Time TR TF
66.67 ms
66.67 ms
18 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
Note (4) Definition of Luminance of White (LC): Measure the luminance of gray level 63 at center point LC = L (5) L (x) is corresponding to the luminance of the point X at Figure in Note (6).
Note (5) Measurement Setup: The LCD module should be stabilized at given temperature for 20 minutes to avoid abrupt temperature change during measuring. In order to stabilize the luminance, the measurement should be executed after lighting Backlight for 20 minutes in a windless room.
LCD Module LCD Panel USB2000 CS-1000T
Center of the Screen
Light Shield Room
500 mm
(Ambient Luminance < 2 lux)
19 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
Note (6) Definition of White Variation (W): Measure the luminance of gray level 63 at 5 points W = Maximum [L (1), L (2), L (3), L (4), L (5)] Minimum [L (1), L (2), L (3), L (4), L (5)]
Horizontal Line D
D/4 D/2 3D/4
Vertical Line
W/4
1
2 X
W
W/2
5
: Test Point X=1 to 5
3W/
3
4
Active Area Note (7) Contrast Ratio in daylight: Measuring method: Sun lamp:10000 Lux Contrast Ratio in daylight=Luminance of white screen/ Luminance of black screen
20 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
8. PACKAGING
8.1 PACKING SPECIFICATIONS
(1) 16pcs LCD modules / 1 Box (2) Box dimensions: 465 (L) X 362 (W) X 314 (H) mm (3) Weight: approximately 15Kg (16 modules per box)
8.2 PACKING METHOD
(1) Carton Packing should have no failure in the following reliability test items. Test Item Test Conditions ISTA STANDARD Random, Frequency Range: 2 - 200 Hz Top & Bottom: 30 minutes (+Z), 10 min (-Z), Right & Left: 10 minutes (X) Back & Forth 10 minutes (Y) 1 Angle, 3 Edge, 6 Face, 61 cm Note
Vibration
Non Operation
Dropping Test
Non Operation
Figure. 8-1 Packing method
21 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
Sea / Land Transportation (40ft Container)
Air Transportation
Figure. 8-2 Packing method
22 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
9. DEFINITION OF LABELS
9.1 CMO MODULE LABEL
The barcode nameplate is pasted on each module as illustration, and its definitions are as following explanation.
CHI MEI
OPTOELECTRONICS
E207943
G121X1 -L03 Rev.XX
MADE IN TAIWAN
XXXXXXXYMDLNNNN
(a) Model Name: G121X1 -L03 (b) Revision: Rev. XX, for example: A1, ...C1, C2 ...etc. (c) Serial ID: X X X X X X X Y M D X N N N N Serial No. CMO Internal Use Year, Month, Date CMO Internal Use Revision CMO Internal Use Serial ID includes the information as below: (a) Manufactured Date: Year: 1~9, for 2001~2009 Month: 1~9, A~C, for Jan. ~ Dec. Day: 1~9, A~Y, for 1st to 31st, exclude I , O and U (b) Revision Code: cover all the change (c) Serial No.: Manufacturing sequence of product
23 / 26
Version 0.0
Issued Date: Feb. 9, 2009 Model No.: G121X1-L03
Tentative
10. PRECAUTIONS
10.1 ASSEMBLY AND HANDLING PRECAUTIONS
(1) Do not apply rough force such as bending or twisting to the module during assembly. (2) To assemble or install module into user's system can be only in clean working areas. The dust and oil may cause electrical short or worsen the polarizer. (3) It's not permitted to have pressure or impulse on the module because the LCD panel and Backlight will be damaged. (4) Always follow the correct power sequence when LCD module is connecting and operating. This can prevent damage to the CMOS LSI chips during latch-up. (5) Do not pull the I/F connector in or out while the module is operating. (6) Do not disassemble the module. (7) Use a soft dry cloth without chemicals for cleaning, because the surface of polarizer is very soft and easily scratched. (8) It is dangerous that moisture come into or contacted the LCD module, because moisture may damage LCD module when it is operating. (9) High temperature or humidity may reduce the performance of module. Please store LCD module within the specified storage conditions. (10) When ambient temperature is lower than 10C may reduce the display quality. For example, the response time will become slowly, and the starting voltage of CCFL will be higher than room temperature. (11) Do not keep same pattern in a long period of time. It may cause image sticking on LCD.
10.2 SAFETY PRECAUTIONS
(1) The startup voltage of Backlight is approximately 1000 Volts. It may cause electrical shock while assembling with inverter. Do not disassemble the module or insert anything into the Backlight unit. (2) If the liquid crystal material leaks from the panel, it should be kept away from the eyes or mouth. In case of contact with hands, skin or clothes, it has to be washed away thoroughly with soap. (3) After the module's end of life, it is not harmful in case of normal operation and storage.
24 / 26
Version 0.0


▲Up To Search▲   

 
Price & Availability of G121X1-L03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X